PART |
Description |
Maker |
NJU7221 NJU7221L NJU7221L12 NJU7221L15 NJU7221L19 |
10-V Precision Micropower Shunt Voltage Reference, 0.2% accuracy 5-SC70 -40 to 85 HIGH PRECISION C MOS 3 TERMINAL VOLTAGE REGULATOR
|
New Japan Radio Co., Ltd. NJRC[New Japan Radio]
|
AME8510AEEVAFE22 AME8510AEEVBFX23 AME8510AEEVCFX23 |
Threshold voltage: 2.19V; micropower uP watch dog timer Threshold voltage: 2.32V; micropower uP watch dog timer Threshold voltage: 2.63V; micropower uP watch dog timer Threshold voltage: 2.93V; micropower uP watch dog timer Threshold voltage: 4.63V; micropower uP watch dog timer Threshold voltage: 4.38V; micropower uP watch dog timer Threshold voltage: 3.08V; micropower uP watch dog timer
|
AME
|
ADR292 ADR290FR ADR292FR ADR290ER-RELL ADR290FR-RE |
18V; low noise micropower precision voltage reference. For portable instrumentation, precision reference for 3 or 5V systems Precision, Micropower 2.5 V XFET(TM) Reference Precision, Micropower 4.096V XFET Reference Precision, Micropower 2.048 V XFET Reference Low Noise Micropower
2.048 V, 2.5 V, and 4.096 V
Precision Voltage References Low Noise Micropower Precision Voltage References 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 4.096 V, PDSO8 Low Noise Micropower Precision Voltage References 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 2.5 V, PDSO8 Low Noise Micropower Precision Voltage References 低噪声微精密电压基准 Low Noise Micropower Precision Voltage References 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 2.048 V, PDSO8
|
AD[Analog Devices] Analog Devices, Inc.
|
GS16S-120 GS3-0.5 GS3-1 GS3-2.5 GS3.5-0.5 GS3.5-1 |
120 mm2, WIRE TERMINAL RING TONGUE TERMINAL Non-insulated DIN 46234 1.5 mm2, WIRE TERMINAL 10 mm2, WIRE TERMINAL 16 mm2, WIRE TERMINAL
|
J S T MFG CO LTD List of Unclassifed Manufacturers List of Unclassifed Manufac... List of Unclassifed Man...
|
1477A-12-5 1477A-112-5 1477C-112-5 1475G-181-5 147 |
BRASS, NICKEL FINISH, PCB TERMINAL BRASS, CADMIUM FINISH, PCB TERMINAL BRASS, ZINC FINISH, PCB TERMINAL BRASS, ZINC CHROMATE FINISH, PCB TERMINAL BRASS, TIN FINISH, PCB TERMINAL BRASS, PCB TERMINAL BRASS, GOLD FINISH, PCB TERMINAL BRASS, BLACK OXIDE FINISH, PCB TERMINAL BRASS, SILVER FINISH, PCB TERMINAL BRASS, CHROMATE FINISH, PCB TERMINAL
|
WINCHESTER ELECTRONICS CORP
|
19164-0042 |
Female Disconnect Solderless Terminal; Wire Size (AWG):14-16; Terminal Insulation:Niac Polymer; Contact Material:Brass; Gender:Female; Power Connection Type:Female Disconnect Solderless Terminal 2 mm2, WIRE TERMINAL
|
Molex, Inc.
|
19073-0244 19073-0233 19193-0105 19193-0094 19069- |
RING AVIKRIMP EXPD (C-840-56X) 5 mm2, COPPER ALLOY, RING TERMINAL 190730233 5 mm2, COPPER ALLOY, RING TERMINAL RING VERSAKRIMP TAPED (C-328-06T) 5 mm2, COPPER ALLOY, RING TERMINAL 191930094 5 mm2, COPPER ALLOY, RING TERMINAL RING KRIMPTITE (C-128-08) SPM 5 mm2, COPPER ALLOY, RING TERMINAL CONN RING TERM 1/2 10-12AWG 5 mm2, COPPER ALLOY, RING TERMINAL RING VERSAKRIMP (C-328-06) 5 mm2, COPPER ALLOY, RING TERMINAL RING AVIKRIMP EXPD (C-830-56X) 5 mm2, COPPER ALLOY, RING TERMINAL RING INSULKRIMP TAPED (C-230-10XT) 5 mm2, COPPER ALLOY, RING TERMINAL
|
Molex, Inc.
|
CS9202 CS9202YDF8 CS9202YDFR8 |
Micropower 3.3V, 100mA Low Dropout Linear Regulator with NOCAP Micropower 3.3 V / 100 mA Linear Regulator with NOCAP Micropower 3.3 V, 100 mA Linear Regulator with NOCAP
|
ONSEMI[ON Semiconductor]
|
19193-0089 19193-0074 19193-0073 19193-0092 19193- |
RING VERSAKRIMP (BB-339-08) 2 mm2, COPPER ALLOY, RING TERMINAL VERSAK RING TERM 16-14 BB-325-56 2 mm2, COPPER ALLOY, RING TERMINAL RING VERSAKRIMP TAPED (BB-325-14T) 2 mm2, COPPER ALLOY, RING TERMINAL RING VERSAKRIMP TAPED (BB-339-10T) 2 mm2, COPPER ALLOY, RING TERMINAL 191930007 0.8 mm2, COPPER ALLOY, RING TERMINAL 191930078 2 mm2, COPPER ALLOY, RING TERMINAL RING VERSAKRIMP TAPED (BB-337-06T) 2 mm2, COPPER ALLOY, RING TERMINAL 191930017 0.8 mm2, COPPER ALLOY, RING TERMINAL RING AVIKRIMP (B-830-56HD) 2 mm2, COPPER ALLOY, RING TERMINAL RING AVIKRIMP TAPED (AA-8111-04T) 0.8 mm2, COPPER ALLOY, TIN FINISH, RING TERMINAL RING AVIKRIMP (AA-832-08) 0.8 mm2, COPPER ALLOY, TIN FINISH, RING TERMINAL RING AVIKRIMP TAPED (AA-832-06T) 0.8 mm2, COPPER ALLOY, TIN FINISH, RING TERMINAL Ring Tongue Solderless Terminal; Wire Size (AWG):18-22; Insulator Color:Red; Series:RING AVIKRIMP TAPED (AA-832-04T) 0.8 mm2, COPPER ALLOY, TIN FINISH, RING TERMINAL RING AVIKRIMP (B-830-14HD) 2 mm2, COPPER ALLOY, RING TERMINAL
|
Molex, Inc.
|
ISL28133ISENS-EV1Z ISL28133FEZ-T7 ISL28133FHZ-T7 I |
Single, Dual, and Quad Micropower, Zero-Drift, RRIO Operational Amplifiers Single Micropower, Chopper Stabilized, RRIO Operational Amplifier
|
Intersil Corporation
|
|